Part Number Hot Search : 
022284 DS1821 IRF9530N P10N80 MA27V 16016 P6KA36 LTC248
Product Description
Full Text Search
 

To Download MMSZ3V3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
ZENER VOLTAGE REGULATOR DIODES
MMSZ3V3 - 4V3 SOD-123 PLASTIC PACKAGE
For High Density Applications Polarity: - Cathode indicated by polarity band ABSOLUTE MAXIMUM RATINGS DESCRIPTION Power Dissipation on FR-5 Board at TL=75C (Note 1) Derated Above 75C Thermal Resistance, Junction to Ambient (Note 2) Thermal Resistance, Junction to Lead (Note 2) Operating and Storage Junction Temperature Range SYMBOL PD Rth (j-a) Rth (j-L) Tj, Tstg VALUE 500 6.7 340 150 - 55 to +150 UNIT mW mW/C C/W C/W C
Note1. FR-5=3.5 x 1.5 inches Note2. Thermal Resistance measured obtained via infrared Scan Method Forward Voltage at IF=10mA <0.9V and <1.5V at 200mA ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) Device VZ1 (V) Notes 3 and 4 IZT1=5mA at ZZT1 (Note5) () at IZT1= 5mA max 95 90 90 90 VZ2 (V) Notes Max Reverse 3 and 4 at ZZT2 (Note 5) Current IZT2=1mA () at IZT2= 1mA max 600 600 600 600 IR at A Max 5.0 5.0 3.0 3.0 VR (V) Marking
MMSZ3V3 MMSZ3V6 MMSZ3V9 MMSZ4V3
min 3.14 3.42 3.71 4.09
nom 3.3 3.6 3.9 4.3
max 3.47 3.78 4.10 4.52
min 2.3 2.7 2.9 3.3
max 2.9 3.3 3.5 4.0
1.0 1.0 1.0 1.0
T4 T5 U1 U2
Note3. Tolerance of +/- 5% on the nominal Zener Voltage Note4. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current App;ied for PW=1ms Note5. ZZT and ZZK are measured by dividing the AC Voltage drop across the device by the AC Current Applied The specified limits are for IZ (AC) =0.1 IZ (DC) with the AC frequency =1KHz
MMSZ3V3_4V3Rev_1 050506E
Continental Device India Limited
Data Sheet
Page 1 of 4
MMSZ3V3 - 4V3 SOD-123 PLASTIC PACKAGE
MMSZ3V3_4V3Rev_1 050506E
Continental Device India Limited
Data Sheet
Page 2 of 4
MMSZ3V3 - 4V3 SOD-123 PLASTIC PACKAGE
Component Disposal Instructions 1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
MMSZ3V3_4V3Rev_1 050506E
Continental Device India Limited
Data Sheet
Page 3 of 4
Customer Notes
MMSZ3V3 - 4V3 SOD-123 PLASTIC PACKAGE
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150,4141 1112 Fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com
MMSZ3V3_4V3Rev_1 050506E
Continental Device India Limited
Data Sheet
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of MMSZ3V3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X